Part Number Hot Search : 
2SA1774 301KD07X D133D EF1C509 16M86VBB LX5514LL DVFL28 L239E
Product Description
Full Text Search
 

To Download NTE2313 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE2313 Silicon NPN Transistor High Speed Switch
Description: The NTE2313 is a high-voltage, high-speed, glass-passivated NPN power transistor in a TO220 type package designed for use in converters, inverters, switching regulators, motor control systems, and switching applications. Absolute Maximum Ratings: Collector-Emitter Voltage, VCEO(sus) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 450V Collector-Emitter Voltage, VCES . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000V Emitter-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2A Peak (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3A Base Current, IB Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.75A Peak (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Peak Reverse Base Current, -IBM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Total Power Dissipation (TC = +25C), Ptot . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400mW/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Storage Temperature range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5C/W Thermal Resistance, Junction-to-Ambient, RthJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62.5C/W Lead Temperature (During Soldering, 1/8" from case, 5sec), TL . . . . . . . . . . . . . . . . . . . . . . . +275C Note 1. Pulse Test: Pulse Width = 5ms, Duty Cycle 10%. Electrical Characteristics: (TC = +25C unless otherwise specified)
Parameter OFF Characteristics (Note 2) Collector-Emitter Sustaining Voltage Collector Cutoff Current VCEO(sus) IC = 100mA, L = 25mH ICES IEBO VCS = 1000V VCS = 1000V, TC = +125C Emitter Cutoff Current IC = 0, VEB = 5V 450 - - - - - - - - 0.2 1.5 1 V mA mA mA Symbol Test Conditions Min Typ Max Unit
Note 2. Pulse Test: Pulse Width = 300s, Duty Cycle 2%.
Electrical Characteristics (Cont'd): (TC = +25C unless otherwise specified)
Parameter ON Characteristics (Note 2) DC Current Gain Collector-Emitter Saturation Voltage hFE VCE(sat) VBE(sat) fT ton ts tf IC = 0.1A, VCE = 5V IC = 0.3A, IB = 30mA IC = 1A, IB = 200mA Base-Emitter Saturation Voltage Dynamic Characteristics Current-Gain Bandwidth Product Switching Characteristics Turn-On Time Storage Time Fall Time VCC = 250V, IC = 1A, IB1 = 0.2A, IB2 = 0.4A - - - 0.3 2.0 0.3 0.5 3.5 - s s s IC = 500mA, VCE = 10V, f = 1MHz 4 - - MHz IC = 1A, IB = 0.2A 30 - - - 50 - - - - 0.8 1.0 1.1 V V V Symbol Test Conditions Min Typ Max Unit
Note 2. Pulse Test: Pulse Width = 300s, Duty Cycle 2%.
.420 (10.67) Max
.110 (2.79)
.147 (3.75) Dia Max
.500 (12.7) Max
.250 (6.35) Max .500 (12.7) Min .070 (1.78) Max
Base .100 (2.54)
Emitter Collector/Tab


▲Up To Search▲   

 
Price & Availability of NTE2313

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X